Part Number Hot Search : 
A2107M L453ID 61713 MB95390H GL194A MIW2123 A3935 1H470MCL
Product Description
Full Text Search
 

To Download 1050340001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 03/30/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
1050340001 Active
2.54mm (.100") Pitch SIM Card Connector, Push-Push Type, 6 Circuits, SMT, with Solder Tabs, without Pegs, Housing Height 2.60mm (.102"), LeadFree
Documents: 3D Model Drawing (PDF)
Product Specification PS-105034-001 (PDF) RoHS Certificate of Compliance (PDF) Series Memory Card Sockets 105034 Push-Push Housing Height: 2.60mm (.102"). Without Post Card Holder (Host) SIM N/A image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Button Type Comments Component Type Product Name Type
Physical
Card Detection Switch Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) Ejector Button Side Entry Angle Keying to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin PCB Locator PCB Mounting Side PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Ports Temperature Range - Operating Termination Interface: Style No 6 6 Black 5,000 No Ejector Button Present Horizontal Yes Phosphor Bronze Gold Tin High Temperature Thermoplastic Yes Normal Yes Embossed Tape on Reel 0.100 In 2.54 mm 0.100 In 2.54 mm 30 0.76 50 1.27 1 -40C to +85C Surface Mount
Search Parts in this Series 105034Series Mates With Standard SIM Card
Electrical
Current - Maximum per Contact Shielded Voltage - Maximum 0.5A Yes 50V DC
Solder Process Data
Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature 3 Reflow Capable (SMT only) 2
Process Temperature max. C
250
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-105034-001 SD-105034-001
This document was generated on 03/30/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 1050340001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X